Part Number Hot Search : 
100S3 CPH6612 GDIAGRA 313010P 2N350 SMDB24 1N4699C 1A225
Product Description
Full Text Search
 

To Download TSOP36256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  not for new design tsop362.. www.vishay.com vishay semiconductors rev. 2.3, 21-feb-12 1 document number: 82187 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ir receiver modules for remote control systems mechanical data pinning 1 = gnd, 2 = gnd, 3 = v s , 4 = out description the tsop362.. series are miniaturized smd-ir receiver modules for infrared remote control systems. pin diode and preamplifier are assembled on lead frame, the epoxy package is designed as ir filter. the demodulated output signal can directly be decoded by a microprocessor. tsop362.. is the standard ir remote control smd-receiver series, for 3 v supply voltage supporting all major transmission codes. this component has not b een qualified according to automotive specifications. features ? photo detector and preamplifier in one package ? internal filter for pcm frequency ? continuous data transmission possible ? ttl and cmos compatibility ? output active low ? low power consumption ? high immunity against ambient light ? supply voltage: 2.7 v to 5.5 v ? compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec special features ? improved immunity against ambient light ? suitable burst length ? 10 cycles/burst ? taping available for topview and sideview assembly block diagram application circuit 16797 1 2 3 4 parts table carrier frequency standard applications (agc2/agc8) 36 khz tsop36236 38 khz tsop36238 40 khz tsop36240 56 khz TSOP36256 30 k v s out demo - gnd pass agc input pin band dulator control circuit 3 4 1; 2 16839 c 1 = 4.7 f tsopxxxx gnd circuit c r 1 = 100 + v s gnd transmitter with tsalxxxx v s r 1 and c 1 recommended to suppress power supply disturbances. the output voltage should not be hold continuously at a voltage below v o = 2.0 v by the external circuit. v o 17170 out
not for new design tsop362.. www.vishay.com vishay semiconductors rev. 2.3, 21-feb-12 2 document number: 82187 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? stresses beyond those listed under absolute maximum ratings ma y cause permanent damage to the device. this is a stress ratin g only and functional operation of the device at these or any other cond itions beyond those indicated in the operational sections of t his specification is not implied. exposure to absolute maximum rating co nditions for extended periods may affect the device reliability. typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - output function fig. 2 - puls e length and sensitivity in dark ambient absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit supply voltage (pin 3) v s - 0.3 to + 6 v supply current (pin 3) i s 3ma output voltage (pin 4) v o - 0.3 to (v s + 0.3) v output current (pin 4) i o 10 ma junction temperature t j 100 c storage temperature range t stg - 40 to + 100 c operating temperature range t amb - 25 to + 85 c power consumption t amb ? 85 c p tot 30 mw electrical and optical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit supply current e v = 0 i sd 0.7 1.2 1.5 ma e v = 40 klx, sunlight i sh 1.3 ma supply voltage v s 2.7 5.5 v transmission distance e v = 0, test signal see fig. 1, ir diode tsal6200, i f = 250 ma d35m output voltage low i osl = 0.5 ma, e e = 0.7 mw/m 2 , test signal see fig. 1 v osl 250 mv minimum irradiance (30 khz to 40 khz) v s = 3 v, pulse width tolerance: t pi - 5/f o < t po < t pi + 6/f o , test signal see fig. 1 e e min. 0.35 0.5 w/m 2 minimum irradiance (56 khz) v s = 3 v, pulse width tolerance: t pi - 5/f o < t po < t pi + 6/f o , test signal see fig. 1 e e min. 0.4 0.6 w/m 2 minimum irradiance (30 khz to 40 khz) v s = 5 v, pulse width tolerance: t pi - 5/f o < t po < t pi + 6/f o , test signal see fig. 1 e e min. 0.45 0.6 w/m 2 minimum irradiance (56 khz) v s = 5 v, pulse width tolerance: t pi - 5/f o < t po < t pi + 6/f o , test signal see fig. 1 e e min. 0.5 0.7 w/m 2 maximum irradiance t pi - 5/f o < t po < t pi + 6/f o , test signal see fig. 3 e e max. 30 w/m 2 directivity angle of half transmission distance ? 1/2 45 deg e e t t pi * t * t pi 10/f 0 is recommended for optimal function v o v oh v ol t 16110 optical test signal (ir diode tsal6200, i f = 0.4 a, 30 pulses, f = f 0 , t = 10 ms) output signal t d 1) t po 2) 1) 7/f 0 < t d < 15/f 0 2) t pi - 5/f 0 < t po < t pi + 6/f 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 1 10 100 1000 10 000 e e - irradiance (mw/m2) 16908 input burst duration = 950 nm, optical test signal, fig. 1 output pulse t - output pulse width (ms) po
not for new design tsop362.. www.vishay.com vishay semiconductors rev. 2.3, 21-feb-12 3 document number: 82187 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - output function fig. 4 - output pulse diagram fig. 5 - frequency depe ndence of responsivity fig. 6 - sensitivity in bright ambient fig. 7 - sensitivity vs. supply voltage disturbances fig. 8 - sensitivity vs. electric fiel d disturbances e e t v o v oh v ol t 600 s 600 s t = 60 ms t on t off 94 8134 optical test signal output signal , (see fig. 4) t ,t - output pulse width (ms) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 1 10 100 1000 10 000 e e - irradiance (mw/m2) 16909 t off = 950 nm, optical test signal, fig. 3 t on on off 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.7 0.9 1.1 1.3 f/f 0 - relative frequency 16925 f = f 0 5 % f(3 db) = f 0 /10 e /e - rel. responsivity e min. e 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0.01 0.1 1 10 100 e - ambient dc irradiance (w/m 2 ) 16911 correlation with ambient light sources: 10 w/m 2 1.4 klx (std.illum.a, t= 2855 k) 10 w/m 2 8.2 klx (daylight, t = 5900 k) ambient, = 950 nm e e min. - threshold irradiance (mw/m 2 ) 0.0 0.5 1.0 1.5 2.0 0.1 1 10 100 1000 v srms - ac voltage on dc supply voltage (mv) 16912 f = f o f = 10 khz e e min. - threshold irradiance (mw/m2) f = 1 khz f = 100 hz e e min. - threshold irradiance (mw/m2) 0.0 0.4 0.8 1.2 1.6 0.0 0.4 0.8 1.2 2.0 e - field strength of disturbance (kv/m) 2.0 94 8147 1.6 f(e) = f 0
not for new design tsop362.. www.vishay.com vishay semiconductors rev. 2.3, 21-feb-12 4 document number: 82187 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 9 - max. envelope duty cycle vs. burstlength fig. 10 - sensitivity vs. ambient temperature fig. 11 - relative spectral sensitivity vs. wavelength fig. 12 - directivity fig. 13 - sensitivity vs. supply voltage 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 20406080100120 burst length (number of cycles/burst) 16913 f = 38 khz, e e = 2 mw/m 2 max. envelope duty cycle 0.0 0.1 0.2 0.3 0.4 0.5 0.6 - 30 - 15 0 15 30 45 60 75 90 t amb - ambient temperature (c) 16918 sensitivity in dark ambient e - threshold irradiance (mw/m2) e min. 0.0 0.2 0.4 0.6 0.8 1.0 1.2 750 850 950 1050 1150 - wavelength (nm) 16919 s ( ) - relative spectral sensitivity rel 16801 0.4 0.2 0 0.2 0.4 0.6 0.6 0.9 0 30 10 20 40 50 60 70 80 1.0 0.8 0.7 d rel - relative transmission distance 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 v s - supply voltage (v) 17185 e - sensitivity (mw/m ) 2 e min.
not for new design tsop362.. www.vishay.com vishay semiconductors rev. 2.3, 21-feb-12 5 document number: 82187 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 suitable data format the circuit of the tsop362.. is designed so that unexpected output pulses due to noise or disturbance signals are avoided. a bandpass filter, an integrator stage and an automatic gain control are used to suppress such disturbances. the distinguishing mark between data signal and disturbance signal are carrier frequency, burst length and duty cycle. the data signal should fulfill the following conditions: ? carrier frequency should be close to center frequency of the bandpass (e.g. 38 khz) ? burst length should be 10 cycles/burst or longer ? after each burst which is between 10 cycles and 70 cycles a gap time of at least 14 cycles is necessary ? for each burst which is longer than 1.8 ms a corresponding gap time is nece ssary at some time in the data stream. this gap time should be at least 6 times longer than the burst ? up to 800 short bursts per second can be received continuously some examples for suitable data format are: nec code (repetitive pulse), nec code (repetitive data), toshiba micom format, sharp code, rc5 code, rc6 code, r-2000 code, sony code. when a disturbance signal is applied to the tsop362.. it can still receive the data signal. however the sensitivity is reduced to that level that no unexpected pulses will occur. some examples for such di sturbance signals which are suppressed by the tsop362.. are: ? dc light (e.g. from tungsten bulb or sunlight) ? continuous signal at 38 khz or at any other frequency ? signals from fluorescent lamps with electronic ballast with high or low modulation (see fig. 14 or fig.15) fig. 14 - ir signal from fluo rescent lamp with low modulation fig. 15 - ir signal from fluorescent lamp with high modulation 0101520 time (ms) 16920 ir signal 5 0101520 time (ms) 16921 ir signal 5
not for new design tsop362.. www.vishay.com vishay semiconductors rev. 2.3, 21-feb-12 6 document number: 82187 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters assembly instructions reflow soldering ? reflow soldering must be done within 72 h while stored under a max. temperature of 30 c, 60 % rh after opening the dry pack envelope ? set the furnace temperatures for pre-heating and heating in accordance with the refl ow temperature profile as shown in the diagram. excercis e extreme care to keep the maximum temperatu re below 260 c. the temperature shown in the profile means the temperature at the device surface. since there is a temperature difference between the component and the circuit bo ard, it should be verified that the temperature of the device is accurately being measured ? handling after reflow should be done only after the work surface has been cooled off manual soldering ? use a soldering iron of 25 w or less. adjust the temperature of the soldering iron below 300 c ? finish soldering within 3 s ? handle products only after th e temperature has cooled off 2.35 r 1.7 5.51 0.5 0.15 3 x 1.27 = 3.81 2.6 7.5 7.2 4x 1.27 5.3 2.9 4 2.2 pick and place area. tr taping 2.2 3 x 1.27 = 3.81 1.27 0.9 2.8 specifications according to din technical drawings not indicated tolerances 0.3 pick and place area. tt taping footprint (1.5) (1.4) issue: 8; 02.09.09 16776 drawing-no.: 6.544-5341.01-4 a a 0.1 0.1 0.3 0.4 14
not for new design tsop362.. www.vishay.com vishay semiconductors rev. 2.3, 21-feb-12 7 document number: 82187 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 vishay lead (pb)-free reflow solder profile taping version tsop..tt dimensions in millimeters 0 50 100 150 200 250 300 0 50 100 150 200 250 300 t (s) t (c) 255 c 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 20 s max. ramp up 3 c/s max. ramp down 6 c/s max. 2 cycles allowed 19800 16584
not for new design tsop362.. www.vishay.com vishay semiconductors rev. 2.3, 21-feb-12 8 document number: 82187 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 taping version tsop..tr dimensions in millimeters 16585
not for new design tsop362.. www.vishay.com vishay semiconductors rev. 2.3, 21-feb-12 9 document number: 82187 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 reel dimensions in millimeters leader and trailer dimensions in millimeters coper tape peel strength according to din en 60286-3 0.1 n to 1.3 n (300 10) mm/min. 165 to 180 peel angle label standard bar code labe ls for finished goods the standard bar code labels are product labels and used for identification of goods. th e finished goods are packed in final packing area. the standa rd packing units are labeled with standard bar code labels before transported as finished goods to warehouses. the labels are on each packing unit and contain vishay semiconductor gmbh specific data. 16734 trailer leader no devices min. 200 min. 400 start end devices 96 11818 no devices
not for new design tsop362.. www.vishay.com vishay semiconductors rev. 2.3, 21-feb-12 10 document number: 82187 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dry packing the reel is packed in an an ti-humidity bag to protect the devices from absorbing moisture during transportation and storage. final packing the sealed reel is packed into a cardboard box. a secondary cardboard box is used for shipping purposes. recommended method of storage dry box storage is recommended as soon as the aluminum bag has been opened to prev ent moisture absorption. the following conditions should be observed, if dry boxes are not available: ? storage temperature 10 c to 30 c ? storage humidity ? 60 % rh max. after more than 72 h unde r these conditions moisture content will be too high for reflow soldering. in case of moisture absorpti on, the devices will recover to the former condition by drying under the following condition: 192 h at 40 c + 5 c/- 0 c and < 5 % rh (dry air/nitrogen) or 96 h at 60 c + 5 c and < 5 % rh for all device containers or 24 h at 125 c + 5 c not suitable for reel or tubes. an eia jedec standard jstd-0 20 level 4 label is included on all dry bags. eia jedec standard jstd-020 level 4 label is included on all dry bags vishay semiconductor gmbh standard bar code product label (finished goods) plain writing abbreviation length item-description - 18 item-number ino 8 selection-code sel 3 lot-/serial-number batch 10 data-code cod 3 (yww) plant-code ptc 2 quantity qty 8 accepted by acc - packed by pck - mixed code indica tor mixed code - origin xxxxxxx+ company logo long bar code top type length item-number n 8 plant-code n 2 sequence-number x 3 quantity n 8 total length - 21 short bar code bottom type length selection-code x 3 data-code n 3 batch-number x 10 filter - 1 total length - 17 aluminum bag label reel 15973 caution this bag contains moisture-sensitive devices 1. shelf life in sealed bag: 12 months at < 40 c and < 90 % relative humidity (rh) 2. after this bag is opened, devices that will be subjected to soldering reflow or equivalent processing (peak package body temp. 260 c) must be 2a. mounted within 72 hours at factory condition of < 30 c/60 % rh or 2b. stored at < 5 % rh 3. devices require baking befor mounting if: humidity indicator card is > 10 % when read at 23 c 5 c or 2a. or 2b. are not met. 4. if baking is required, devices may be baked for: 192 hours at 40 c + 5 c/- 0 c and < 5 % rh (dry air/nitrogen) or 96 hours at 60 c 5 c and < 5 % rh for all device containers or 24 hours at 125 c 5 c not suitable for reels or tubes bag seal date: (if blank, see barcode label) note: level and body temperature defined by eia jedec standard jstd-020 4 level 22522
not for new design tsop362.. www.vishay.com vishay semiconductors rev. 2.3, 21-feb-12 11 document number: 82187 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 esd precaution proper storage and handling procedures should be followed to prevent esd damage to the devices especially when they are removed from the antistatic shielding bag. electro-static sensitive devices warning labels are on the packaging. vishay semiconductors standard bar code labels the vishay semiconductors st andard bar code labels are printed at final packing areas. the labels are on each packing unit and contain vishay semiconductors specific data. 16962
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of TSOP36256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X